|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NJM78L00 - 1 - ver.2013-11-29 NJM78L00ua (sot-89) 3-terminal positive voltage regulator general description package outline the NJM78L00 series of 3-terminal positive voltage regulators are constructed using the new jrc planar epitaxial process. these regulators employ internal current limiting and thermal shut down, making them essent ially indestructible. if adequate heat sinking is provided, they can deliver up to 100ma output current. they are intended as fixed voltage regulators in a wide range of applications including local or on-card regulation for elimination of noise and distribution problems associated with single-point regulation. in addition, they can be used with power pass elements to make high-current voltage regulators. the NJM78L00 series used as a zener diode/resistor combination replacement, offers an effective output impedance improvement of typically two orders of magnitude, along with lower quiescent current and lower noise. features internal short circuit current limit internal thermal overload protection excellent ripple rejection guaranteed 100ma output current package outline sot-89, sop8 jedec 150mil bipolar technology pin configuration equivalent circuit NJM78L00ea ( sop8 ) ( 5v , 9v , 12v version onl y) pin configuration 1. out 2. gnd 3. in NJM78L00ua pin configuration 1. out 2. gnd 3. gnd 4. nc 5. nc 6. gnd 7. gnd 8. in NJM78L00ea 1 2 3 4 8 7 6 5 1 2 3 4 8 7 6 5 123 2 123 2
NJM78L00 - 2 - ver.2013-11-29 absolute maximum ratings (t a =25c) parameter symbol maximum ratings unit input voltage v in (78l02a to 78l09a) 30 (78l12a to 78l15a) 35 (78l18a to 78l24a) 40 v power dissipation p d (sot-89) 350 (sop8) 700(*1) mw operating temperature range t opr -40 to +85 c storage temperature range t stg -40 to +150 c (*1) mounted on glass epoxy board electrical characteristics (c in =0.33f, c o =0.1f, t j =25c) measurement is to be conducted is pulse testing. parameter symbol test condition min. typ. max. unit njm78l02ua output voltage v o v in =9v, i o =40ma 2.47 2.6 2.73 v line regulation 1 ? v o -v in 1 v in =4.75v to 20v, i o =40ma - - 125 mv line regulation 2 ? v o -v in 2 v in =5v to 20v, i o =40ma - - 100 mv load regulation 1 ? v o -i o 1 v in =9v, i o =1 to 40ma - - 25 mv load regulation 2 ? v o -i o 2 v in =9v, i o =1 to 100ma - - 50 mv quiescent current i q v in =9v, i o =0ma - 2.0 6 ma average temperature coefficient of output voltage ? v o / ? t v in =9v, i o =1ma - 0.2 - mv/c ripple rejection rr 6v< v in <16v, i o =40ma, e in =1v p-p , f=120hz 43 73 - db output noise voltage v no v in =9v, bw=10hz to 100khz, i o =40ma - 35 - v njm78l03ua output voltage v o v in =9v, i o =40ma 2.85 3.0 3.15 v line regulation 1 ? v o -v in 1 v in =5v to 20v, i o =40ma - - 125 mv line regulation 2 ? v o -v in 2 v in =6v to 20v, i o =40ma - - 100 mv load regulation 1 ? v o -i o 1 v in =9v, i o =1 to 40ma - - 25 mv load regulation 2 ? v o -i o 2 v in =9v, i o =1 to 100ma - - 50 mv quiescent current i q v in =9v, i o =0ma - 2.0 6 ma average temperature coefficient of output voltage ? v o / ? t v in =9v, i o =1ma - 0.2 - mv/c ripple rejection rr 6v< v in <16v, i o =40ma, e in =1v p-p , f=120hz 43 72 - db output noise voltage v no v in =9v, bw=10hz to 100khz, i o =40ma - 40 - v njm78l05ua/ea output voltage v o v in =10v, i o =40ma 4.75 5.0 5.25 v line regulation 1 ? v o -v in 1 v in =7v to 20v, i o =40ma - - 200 mv line regulation 2 ? v o -v in 2 v in =8v to 20v, i o =40ma - - 150 mv load regulation 1 ? v o -i o 1 v in =10v, i o =1 to 40ma - - 30 mv load regulation 2 ? v o -i o 2 v in =10v, i o =1 to 100ma - - 60 mv quiescent current i q v in =10v, i o =0ma - 2.0 6 ma average temperature coefficient of output voltage ? v o / ? t v in =10v, i o =1ma - 0.4 - mv/c ripple rejection rr 8v< v in <18v, i o =40ma, e in =1v p-p , f=120hz 40 69 - db output noise voltage v no v in =10v, bw=10hz to 100khz, i o =40ma - 70 - v NJM78L00 - 3 - ver.2013-11-29 electrical characteristics (c in =0.33f, c o =0.1f, t j =25c) measurement is to be conducted is pulse testing. parameter symbol test condition min. typ. max. unit njm78l06ua output voltage v o v in =12v, i o =40ma 5.7 6.0 6.3 v line regulation 1 ? v o -v in 1 v in =8.5v to 20v, i o =40ma - - 200 mv line regulation 2 ? v o -v in 2 v in =9v to 20v, i o =40ma - - 150 mv load regulation 1 ? v o -i o 1 v in =12v, i o =1 to 40ma - - 40 mv load regulation 2 ? v o -i o 2 v in =12v, i o =1 to 100ma - - 80 mv quiescent current i q v in =12v, i o =0ma - 2.0 6 ma average temperature coefficient of output voltage ? v o / ? t v in =12v, i o =1ma - 0.5 - mv/c ripple rejection rr 9v< v in <20v, i o =40ma, e in =1v p-p , f=120hz 40 67 - db output noise voltage v no v in =12v, bw=10hz to 100khz, i o =40ma - 80 - v njm78l07ua output voltage v o v in =13v, i o =40ma 6.65 7.0 7.35 v line regulation 1 ? v o -v in 1 v in =9.5v to 22v, i o =40ma - - 210 mv line regulation 2 ? v o -v in 2 v in =10v to 22v, i o =40ma - - 160 mv load regulation 1 ? v o -i o 1 v in =13v, i o =1 to 40ma - - 45 mv load regulation 2 ? v o -i o 2 v in =13v, i o =1 to 100ma - - 90 mv quiescent current i q v in =13v, i o =0ma - 2.1 6 ma average temperature coefficient of output voltage ? v o / ? t v in =13v, i o =1ma - 0.55 - mv/c ripple rejection rr 10v< v in <20v, i o =40ma, e in =1v p-p , f=120hz 39 66 - db output noise voltage v no v in =13v, bw=10hz to 100khz, i o =40ma - 100 - v njm78l08ua output voltage v o v in =14v, i o =40ma 7.6 8.0 8.4 v line regulation 1 ? v o -v in 1 v in =10.5v to 23v, i o =40ma - - 225 mv line regulation 2 ? v o -v in 2 v in =11v to 23v, i o =40ma - - 175 mv load regulation 1 ? v o -i o 1 v in =14v, i o =1 to 40ma - - 50 mv load regulation 2 ? v o -i o 2 v in =14v, i o =1 to 100ma - - 100 mv quiescent current i q v in =14v, i o =0ma - 2.1 6 ma average temperature coefficient of output voltage ? v o / ? t v in =14v, i o =1ma - 0.6 - mv/c ripple rejection rr 11v< v in <20v, i o =40ma, e in =1v p-p , f=120hz 39 66 - db output noise voltage v no v in =14v, bw=10hz to 100khz, i o =40ma - 115 - v NJM78L00 - 4 - ver.2013-11-29 electrical characteristics (c in =0.33f, c o =0.1f, t j =25c) measurement is to be conducted is pulse testing. parameter symbol test condition min. typ. max. unit njm78l09ua/ea output voltage v o v in =15v, i o =40ma 8.55 9.0 9.45 v line regulation 1 ? v o -v in 1 v in =11.5v to 23v, i o =40ma - - 250 mv line regulation 2 ? v o -v in 2 v in =12v to 23v, i o =40ma - - 200 mv load regulation 1 ? v o -i o 1 v in =15v, i o =1 to 40ma - - 50 mv load regulation 2 ? v o -i o 2 v in =15v, i o =1 to 100ma - - 100 mv quiescent current i q v in =15v, i o =0ma - 2.1 6 ma average temperature coefficient of output voltage ? v o / ? t v in =15v, i o =1ma - 0.65 - mv/c ripple rejection rr 12v< v in <21v, i o =40ma, e in =1v p-p , f=120hz 38 65 - db output noise voltage v no v in =15v, bw=10hz to 100khz, i o =40ma - 125 - v njm78l10ua output voltage v o v in =16v, i o =40ma 9.5 10.0 10.5 v line regulation 1 ? v o -v in 1 v in =13v to 25v, i o =40ma - - 250 mv line regulation 2 ? v o -v in 2 v in =14v to 25v, i o =40ma - - 200 mv load regulation 1 ? v o -i o 1 v in =16v, i o =1 to 40ma - - 50 mv load regulation 2 ? v o -i o 2 v in =16v, i o =1 to 100ma - - 100 mv quiescent current i q v in =16v, i o =0ma - 2.1 6 ma average temperature coefficient of output voltage ? v o / ? t v in =16v, i o =1ma - 0.7 - mv/c ripple rejection rr 13v< v in <22v, i o =40ma, e in =1v p-p , f=120hz 37 64 - db output noise voltage v no v in =16v, bw=10hz to 100khz, i o =40ma - 135 - v njm78l12ua/ea output voltage v o v in =19v, i o =40ma 11.4 12.0 12.6 v line regulation 1 ? v o -v in 1 v in =14.5v to 27v, i o =40ma - - 250 mv line regulation 2 ? v o -v in 2 v in =16v to 27v, i o =40ma - - 200 mv load regulation 1 ? v o -i o 1 v in =19v, i o =1 to 40ma - - 50 mv load regulation 2 ? v o -i o 2 v in =19v, i o =1 to 100ma - - 100 mv quiescent current i q v in =19v, i o =0ma - 2.1 6.5 ma average temperature coefficient of output voltage ? v o / ? t v in =19v, i o =1ma - 0.9 - mv/c ripple rejection rr 15v< v in <25v, i o =40ma, e in =1v p-p , f=120hz 37 62 - db output noise voltage v no v in =19v, bw=10hz to 100khz, i o =40ma - 160 - v njm78l15ua output voltage v o v in =23v, i o =40ma 14.3 15.0 15.7 v line regulation 1 ? v o -v in 1 v in =17.5v to 30v, i o =40ma - - 300 mv line regulation 2 ? v o -v in 2 v in =20v to 30v, i o =40ma - - 250 mv load regulation 1 ? v o -i o 1 v in =23v, i o =1 to 40ma - - 75 mv load regulation 2 ? v o -i o 2 v in =23v, i o =1 to 100ma - - 150 mv quiescent current i q v in =23v, i o =0ma - 2.2 6.5 ma average temperature coefficient of output voltage ? v o / ? t v in =23v, i o =1ma - 1.0 - mv/c ripple rejection rr 18.5v< v in <28.5v, i o =40ma, e in =1v p-p , f=120hz 34 60 - db output noise voltage v no v in =23v, bw=10hz to 100khz, i o =40ma - 190 - v NJM78L00 - 5 - ver.2013-11-29 electrical characteristics (c in =0.33f, c o =0.1f, t j =25c) measurement is to be conducted is pulse testing. parameter symbol test condition min. typ. max. unit njm78l18ua output voltage v o v in =27v, i o =40ma 17.1 18.0 18.9 v line regulation 1 ? v o -v in 1 v in =22v to 33v, i o =40ma - - 320 mv line regulation 2 ? v o -v in 2 v in =22v to 33v, i o =40ma - - 270 mv load regulation 1 ? v o -i o 1 v in =27v, i o =1 to 40ma - - 80 mv load regulation 2 ? v o -i o 2 v in =27v, i o =1 to 100ma - - 160 mv quiescent current i q v in =27v, i o =0ma - 2.2 6.5 ma average temperature coefficient of output voltage ? v o / ? t v in =27v, i o =1ma - 1.1 - mv/c ripple rejection rr 23v< v in <33v, i o =40ma, e in =1v p-p , f=120hz 33 59 - db output noise voltage v no v in =27v, bw=10hz to 100khz, i o =40ma - 230 - v njm78l20ua output voltage v o v in =29v, i o =40ma 19.0 20.0 21.0 v line regulation 1 ? v o -v in 1 v in =23v to 34v, i o =40ma - - 330 mv line regulation 2 ? v o -v in 2 v in =24v to 34v, i o =40ma - - 280 mv load regulation 1 ? v o -i o 1 v in =29v, i o =1 to 40ma - - 90 mv load regulation 2 ? v o -i o 2 v in =29v, i o =1 to 100ma - - 180 mv quiescent current i q v in =29v, i o =0ma - 2.3 7 ma average temperature coefficient of output voltage ? v o / ? t v in =29v, i o =1ma - 1.2 - mv/c ripple rejection rr 24v< v in <34v, i o =40ma, e in =1v p-p , f=120hz 32 58 - db output noise voltage v no v in =29v, bw=10hz to 100khz, i o =40ma - 250 - v njm78l24ua output voltage v o v in =33v, i o =40ma 22.8 24 25.2 v line regulation 1 ? v o -v in 1 v in =27v to 38v, i o =40ma - - 350 mv line regulation 2 ? v o -v in 2 v in =28v to 38v, i o =40ma - - 300 mv load regulation 1 ? v o -i o 1 v in =33v, i o =1 to 40ma - - 100 mv load regulation 2 ? v o -i o 2 v in =33v, i o =1 to 100ma - - 200 mv quiescent current i q v in =33v, i o =0ma - 2.3 7 ma average temperature coefficient of output voltage ? v o / ? t v in =33v, i o =1ma - 1.4 - mv/c ripple rejection rr 27.5v< v in <37.5v, i o =40ma, e in =1v p-p , f=120hz 32 57 - db output noise voltage v no v in =33v, bw=10hz to 100khz, i o =40ma - 280 - v sot-89 mark njm78l02a 8 a njm78l03a 8 b njm78l05a 8 c njm78l06a 8 e njm78l62a 8 z njm78l07a 8 f njm78l08a 8 g njm78l09a 8 h njm78l10a 8 j njm78l12a 8 k njm78l15a 8 l njm78l18a 8 m njm78l20a 8 n njm78l24a 8 p (1) 8 : positive output (2) v o rank (3) the end of a.d. (4) production mouth oct. x nov. y dec. z NJM78L00 - 6 - ver.2013-11-29 test circuit 1. output voltage line regulati on, load regulation, quiescent current, average temperature coefficient of output voltage, output noise voltage, peak output/short-circuit current ambient temperature vs.power dissipation 2. ripple rejection power dissipation vs. ambient temperature ( topr = - 40oc ~ + 85oc, tj = ~ +150oc ) -50 -25 0 25 50 75 100 ambient temperature : ta ( oc ) power dissipation : p d (mw) sot89 : device it self sop8 : mounted on glass epoxy boad 85 NJM78L00 - 7 - ver.2013-11-29 input capacitor c in input capacitor c in is required to prevent oscillation and reduce po wer supply ripple for applications when high power supply impedance or a long power supply line. therefore, use the recommended c in value (refer to conditions of electric characteristic) or larger and should connect between gnd and v in as shortest path as possible to avoid the problem. output capacitor c o output capacitor (c o ) will be required for a phase compensation of the internal error amplifier. the capacitance and the equivalent se ries resistance (esr) influence to stable operation of the regulator. use of a smaller c o may cause excess output noise or oscillation of the regulator due to lack of the phase compensation. on the other hand, use of a larger c o reduces output noise and ripple output, and also improves output transient response when rapid load change. therefore, use the recommended c o value (refer to conditions of electric characteristic) or larger and s hould connect between gnd and v out as shortest path as possible for stable operation in addition, you should consider va ried characteristics of capacitor (a frequency characterist ic, a temperature characteristic, a dc bias characteristic and so on) and unevenness peculiar to a capacitor supplier enough. when selecting c o, recommend that have withstand voltage margin against output voltage and superior temperature characteristic though this product is designed stability wo rks with wide range esr of capacitor including low esr products. NJM78L00 - 8 - ver.2013-11-29 typical characteristics njm78l05 / l12 / l24 output characteristics njm78l05 dropout characteristics NJM78L00 series short circuit output current njm78l02 / l24 quiescent current vs. output current NJM78L00 equivalent series resistance vs. output current njm78l05 quiescent current vs. input voltage vin=output voltages of the conditions described in the electrical characteristics ta=25c, cin=0.33uf, co=0.1uf 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 100 output current io [ma] esr[ ? ] 4 5 " # - & |